|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OT-HD-TRLSC-IC OptivaTM HD-SDI Tri-Level Sync Generator HD-SDI Tri-Level Sync Generator The Opticomm HD-SDI Tri-Level Sync Generator accepts an input of an uncompressed HD-SDI signal at 1.485Gbps (per SMPTE 292) and outputs a locally generated genlocked Tri-Level Sync reference signal as well as a loopback of the HD-SDI input. The generator will accommodate any HD Tri-Level Sync frame type defined under SMPTE 274, 295 and 296. The Tri-Level Sync can be used as a genlocked reference signal for HD braodcast and professional AV applications. The OT-HD-TRLSC-IC card would generally be used in conjunction with the Opticomm OptivaTM series optical communication platform. The card would typically be placed at the receive end of the HD-SDI uncompressed communication path to output a local sync for immediate reference. System Design All units come in an insert card version. The cards can be inserted into our 16-slot, 19" rack-mountable card cage (OT-CC-16100) or one of our smaller OptivaTM Desktop Card Racks (OT-DTCR Series). The Desktop Card Racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. The use of separate DTCR enclosures allows for future flexibility and expansion as all cards are hotswappable and can be used in any enclosure. Each one of our card housing units comes with an appropriate power supply. See "Accessories" for power supply specifications. Video HD-SDI Input Each insert card comes with a label identifying the specific protocols handled, connector pin-out and other vital information. Audio S T A T U S A L E R T HD-SDI Output (Loopback) Tri-Level Sync Output OptivaTM VAD Transmission Data OT-HD-TRLSC-IC Features * Accepts Uncompressed HD-SDI Video per SMPTE 292 * Supports all HD Frequencies per SMPTE 274, SMPTE 295 and SMPTE 296 * Convenient Insert Card Form Factor * Fits all Optiva Enclosures for Rack Mount and Stand Alone Applications * Ideal for Broadcast and ProAV Applications 1-800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements. SDI & HD-SDI Video Standard (HD-SDI) Standard (Tri-Level Sync) Pathological Test Code Nominal Bit Rate Connector General Dimensions (Insert Card) Weight (Insert Card) Operating Temperature Storage Temperature Humidity Operating voltage Consumption Local Monitoring Remote Monitoring OptivaTM Configurable SMPTE 292 SMPTE 274, SMPTE 295 and 296 RP-178 1.485 Gbps BNC (IEC 60169-8) Communication Platform Network Management SDI & HD-SDI Composite Video, Audio & Data RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) CATV/RF & L-Band Optical Switching, Routing & Redundancy Passive Multiplexing Solutions Enclosures, Racks & Frames Power Supplies & Accessories 160mm (6.3") L x 20mm (0.8") W x 102mm (4.0") H 310 gms (11 Oz) -20C to +55C -40C to +85C 0 to 95% Non-condensing 9-12 VDC 1A Max per Insert Card LED Status Indication Compatible with OptivaViewTM SNMP Management Suite Emissions: FCC Part 15, ICES-003, AS/NZS, 3548, EN55022 Immunity: ENVS0204, EN61000-4-2,3,4,5,6,11 Safety: UL1950, CAN/CSA 22.2, NO.950-95 MADE IN THE USA Sample Configuration |
Price & Availability of OT-HD-TRLSC-IC |